Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OGP Datasheet(PDF) 7 Page - KITAGAWA GmbH

Part # OGP
Description  Grounding components, with support for automated mounting on PC board.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OGP Datasheet(HTML) 7 Page - KITAGAWA GmbH

  OGP Datasheet HTML 1Page - KITAGAWA GmbH OGP Datasheet HTML 2Page - KITAGAWA GmbH OGP Datasheet HTML 3Page - KITAGAWA GmbH OGP Datasheet HTML 4Page - KITAGAWA GmbH OGP Datasheet HTML 5Page - KITAGAWA GmbH OGP Datasheet HTML 6Page - KITAGAWA GmbH OGP Datasheet HTML 7Page - KITAGAWA GmbH OGP Datasheet HTML 8Page - KITAGAWA GmbH OGP Datasheet HTML 9Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
※Please confirm "Notes for Onboard series" on page 2 prior to purchase.
※The values are measured data for reference, not guaranteed.
ON-BOARD CONTACT/OG
0
2
4
6
8
10
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Gap
(mm)
0.0
1.0
2.0
3.0
4.0
5.0
Resistance
Compression force
OG-503040
OG-503040
5
2
Material : Beryllium copper (t=0.1mm)
Surface treatment : Sn plating
Recommended height : 2.2~3.6mm
1.2
0
5
10
15
20
25
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
Gap
(mm)
0.0
2.0
4.0
6.0
8.0
10.0
Resistance
Compression force
OG-363050
OG-363050
(1.4)
3.6
1.4
1.4
5
3
Material : Beryllium copper (t=0.1mm)
Surface treatment : Sn reflow plating(Ni plated contacts)
Recommended height : 3.2~4.4mm
OG-453048
0
10
20
30
40
2.6
2.9
3.2
3.5
3.8
4.1
4.4
0.0
0.5
1.0
1.5
2.0
Gap
(mm)
Resistance
Compression force
OG-453048
Material : Phosphor bronze for spring (t=0.1mm)
Surface treatment : Sn reflow plating
Recommended height : 2.7~4.4mm
3
3.2
(1.6)
2
3.2
4.5
Material : Phosphor bronze for spring (t=0.1mm)
Surface treatment : Sn reflow plating
OG-363040HDR
3.6
1.4
3
1.4
(1.4)
5
Recommended height : 2.2~3.4mm
0
5
10
15
20
25
2.0
2.4
2.8
3.2
3.6
Gap
(mm)
0.0
0.4
0.8
1.2
1.6
2.0
Resistance
Compression force
OG-363040HDR
Material : Phosphor bronze for spring (t=0.8mm)
Surface treatment : Sn reflow plating (Cu Base plating)
Recommended height : 3.2~4.0mm
OG-232242
OG-232242
Resistance
Compression force
OG-282543HDR
Gap
(mm)
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
2.4
2.8
3.2
3.6
4.0
2.3
2.2
1.8
1.5
1.1
Material : Phosphor bronze for spring
(t=0.1mm)
Surface treatment : Sn reflow plating
Recommended height : 2.5~3.9mm
OG-282543HDR
1.4
(0.9)
2.5
4.7
2.8
1.4
Compression force vs Electric resistance
Compression force vs Electric resistance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
Gap (mm)
Resistance
Compression force
◆
□



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com