Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20872BEN8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20872BEN8
Description  Micro-Power CMOS Input RRIO 1.8 V Open-Drain Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20872BEN8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20872BEN8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO20872B
Version 1.2, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VS
Supply voltage (V+ – V-)
7.5
V
VIN
Input voltage
(V-) - 0.5 to
(V+) + 0.5
V
VD
Differential of input voltage
±2.5
V
TA
Operating temperature range
-40 to 85
°C
TSTG
Storage temperature
-55 to 150
°C
TJ
Junction temperature (Maximum)
160
°C
TL
Lead temperature (Maximum)
260
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VS
Supply voltage (V+ – V-)
1.4 to 5.5
V
TA
Operating free-air temperature
-40 to 85
ºC
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ESDA/JEDEC JS-001
±8000
V
CDM
ESDA/JEDEC JS-002
±2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com