Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20872BEN8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20872BEN8
Description  Micro-Power CMOS Input RRIO 1.8 V Open-Drain Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20872BEN8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20872BEN8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20872BEN8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DIO20872B
Version 1.2, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Micro-Power CMOS Input RRIO 1.8 V
Open-Drain Output Comparator
Features
Ultra-low power consumption:
5 μA (typ) at V+ = 1.4 V
Wide supply voltage range: 1.4 V to 5.5 V
Propagation delay: 0.9 μs (typ) at V+ = 1.4 V
Open-drain output sink current drive:
25 mA (typ) at V+ = 5 V
Rail-to-rail input
-40°C to 85°C operating temperature range
Applications
RC timers
Window detectors
IR receiver
Multivibrators
Alarm and monitoring circuits
Package Information
Part Number
Package
Body Size
DIO20872B
DFN-8
1.6 mm × 1.2 mm
TSOT23-8
1.6 mm × 2.9 mm
Description
The DIO20872B is an ultra-low power comparator
with a typical power supply current of 5 μA. It has the
best-in-class
power
supply
current
versus
propagation delay performance. The propagation
delay is as low as 0.9 μs with a 100 mV overdrive at
1.4 V supply.
Designed to operate over a wide range of supply
voltages, from 1.4 V to 5.5 V, with guaranteed
operation at 1.4 V, 2.5 V and 5.0 V, the DIO20872B is
ideal for the use in a variety of battery-powered
applications. With a rail-to-rail common-mode voltage
range, the DIO20872B is well suited for single-supply
operation.
Featuring an open-drain output stage, the
DIO20872B allows for operation with absolute
minimum power consumption when driving any
capacitive or resistive load.
The DIO20872B is available in the Green
DFN1.6×1.2-8 and TSOT23-8 packages. The
DIO20872B is ideal for the use in handheld
electronics and mobile phone applications. It is rated
over the -40°C to 85°C temperature range.
Simplified Schematic


Similar Part No. - DIO20872BEN8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20872DH8 DIOO-DIO20872DH8 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20872MP8 DIOO-DIO20872MP8 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20872SO8 DIOO-DIO20872SO8 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
More results

Similar Description - DIO20872BEN8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
1.8V Low Power Open-Drain Output Comparator
2009
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
Renesas Technology Corp
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com