Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20874B Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20874B
Description  Micro-Power CMOS Input RRIO 1.4 V Open-Drain Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20874B Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20874B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO20874B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO20874B• Rev. 1.2
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. DIOO does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage ( V+ – V-)
7.5
V
VIN
Input voltage
(V-)-0.5 V to (V+)+0.5 V
V
VD
Differential input voltage
±2.5 V
V
TA
Operating temperature range
-40 to 85
°C
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction temperature
160
°C
TL
Lead temperature range
260
°C
ESD
Electrostatic discharge
HBM, JEDEC: JESD22-A114
4000
V
CDM, JEDEC: JESD22-C101
400
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
1.4 to 5.5
V
TA
Operating temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com