Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20874B Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20874B
Description  Micro-Power CMOS Input RRIO 1.4 V Open-Drain Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20874B Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20874B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20874B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO20874B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO20874B• Rev. 1.2
Electrical Characteristics: V+ = 1.4 V
(At TA= 25°C, V+ = 1.4 V, V- = 0 V, VCM = V+/2 and VO = V-, unless otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply current
IS
-40°C ≤ TA ≤ 85°C, VCM = 0.3 V
1.25
μA
-40°C ≤ TA ≤ 85°C , VCM = 1.1 V
1.4
Output swing high
VOH
RPULL = 5 kΩ
1.4
V
RPULL = 10 kΩ
1.4
Output swing low
VOL
RPULL = 5 kΩ
62
mV
RPULL = 10 kΩ
31
Output current
IOUT
Sink
1.4
mA
Propagation delay
(high to low)
Overdrive = 10 mV
2.6
µs
Overdrive = 100 mV
0.92
Propagation delay
(low to high)
Overdrive = 10 mV
1.8
µs
Overdrive = 100 mV
1.3
Rise time(1)
tRise
Overdrive = 10 mV, CL = 1 pF,
RPULL = 10 kΩ
1
µs
Overdrive = 100 mV, CL = 1 pF,
RPULL = 10 kΩ
1
Fall time
tFall
Overdrive = 10 mV, CL = 1 pF,
RPULL = 10 kΩ
88
ns
Overdrive = 100 mV, CL = 1 pF,
RPULL = 10 kΩ
87
Note:
(1) Rise time depends on RPULL and CL.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com