Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20874BCL16 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20874BCL16
Description  Micro-Power CMOS Input RRIO 1.4 V Open-Drain Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20874BCL16 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20874BCL16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIO20874B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO20874B• Rev. 1.2
Physical Dimensions: QFN3*3-16
Common Dimensions (mm)
Symbol Min Nom Max
A
0.70 0.75 0.80
A1
0.00 0.02 0.05
A3
0.20 REF
b
0.20 0.25 0.30
D
2.95 3.00 3.05
E
2.95 3.00 3.05
D2
1.60 1.70 1.75
E2
1.60 1.70 1.75
e
0.40 1.50 0.60
H
0.30 REF
K
0.15
-
-
L
0.35 0.40 0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com