Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20874BCL16 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20874BCL16
Description  Micro-Power CMOS Input RRIO 1.4 V Open-Drain Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20874BCL16 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20874BCL16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20874BCL16 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIO20874B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO20874B• Rev. 1.2
Application Information
Hysteresis
If the applied differential input voltage is near the offset voltage of the comparator, the basic comparator
configuration may oscillate or produce a noisy "chatter" output. This oscillation usually occurs when the input
signal is moving very slowly across the switching threshold of the comparator.
Adding hysteresis or positive feedback can prevent the problem.
The hysteresis transfer curve is shown in Figure 2. This curve is a function of three components: VTH, VOS, and
VHYST:
• VTH is the actual set voltage or threshold trip voltage.
• VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST is the hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
Figure 2. Hysteresis transfer curve
Inverting comparator with hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 3.
Figure 3. Inverting configuration with hysteresis
Figure 4 is the equivalent resistor networks when the output is high and low. Note that RPU should be in series
with R3 when the output is high. RPU should be at least 10 times less than R3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com