Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8358 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8358
Description  Dual Channel 1MHz , Rail-to-Rail I/O CMOS Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8358 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO8358 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DIO8358
www.dioo.com
© 2018 DIOO MICROCIRCUITS CO., LTD
DIO8358• Rev. 1.0
 
Electrical Characteristics
Typical value: V+=5V, RL=100kΩ to V+/2, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-40°C≤TA≤125°C, V+=2.1V to 5V Channel A
±0.8
±3.5
mV
-40°C≤TA≤125°C, V+=2.1V to 5V Channel B
4.9
8.0
IB
Input Bias Current
-40°C≤TA≤125°C, V+=2.1V to 5V
5
pA
IOS
Input Offset Current
-40°C≤TA≤125°C, V+=2.1V to 5V
5
pA
VCM
Common Mode Voltage
Range
-0.1
(V+)
+0.1
V
CMRR
Common Mode
Rejection Ratio
-40°C≤TA≤125°C, VCM=-0.1 to (V+)+0.1
65
75
dB
AOL
Open Loop Voltage
Gain
RL=5kΩ, VO= 0.1 to (V+)-0.1
80
100
dB
RL=200kΩ, VO= 0.1 to (V+)-0.1
90
110
∆VOS/∆T
Input Offset Voltage
Drift
-40°C≤TA≤125°C
5
µV/°C
OUTPUT CHARACTERISTICS
VOH
Output Voltage High
RL=100kΩ, -40°C≤TA≤125°C
4.998
V
VOL
Output Voltage Low
RL=100kΩ, -40°C≤TA≤125°C
2.5
mV
ISC
Output Short Circuit
Current
Source ISC, V+=5V
50
mA
Sink ISC, V+=5V
50
POWER SUPPLY
PSRR
Power Supply Rejection
Ration
65
85
dB
IS
Supply Current per
Channel/Amp
-40°C≤TA≤125°C
40
50
µA
DYNAMIC PERFORMANCE
GBP
Gain Bandwidth
Product
RL=100K, CL=100pF
1
MHz
SR
Slew Rate
G=1, 2V Output Step
0.6
V/µs
tS
Setting Time
G=1, 2V Output Step
2.4
µs
NOISE PERFORMANCE
THD
Total Harmonic
Distortion
f=10kHz, 2V Output Step, RL=10kΩ,
0.019
%
en
Voltage Noise Density
f=1kHz
45
nV/√Hz
f=10kHz
35
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com