Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8358 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8358
Description  Dual Channel 1MHz , Rail-to-Rail I/O CMOS Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8358 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO8358 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8358 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 1.0
www.dioo.com
© 2018 DIOO MICROCIRCUITS CO., LTD
DIO8358• Rev. 1.0
 
DIO8358
Dual Channel 1MHz , Rail-to-Rail I/O CMOS Amplifier
Features
Rail-to-Rail Input and Output
Channel A ±0.8mV Typical offset, Channel B
4.9mV Typical offset
Unity Gain Stable
Gain Bandwidth Product: 1MHz
Very low input bias currents : 5pA
Wide supply range: 2.1V to 5.5V
Input Voltage Range:
-0.1V to +5.6V with V+ = 5.5V
Ultra low power: 50µA per channel
Small size packaging best for portable
applications, available in SOIC-8 and MSOP-8
Applications
ASIC Input or Output Amplifier
Sensor Interface
Piezo Electric Transducer Amplifier
Medical Instrumentation
Audio Output
Portable Systems
Smoke Detectors
Notebook PC
Battery-Powered equipment
Descriptions
DIO8358
is
dual
channel
rail-to-rail
CMOS
operational amplifiers with ultra low offset.
Features
include
wide
input
common-mode
voltage range and broad output voltage swing with
operating supply voltage from 2.1V to 5.5V.
Products are fully specified over the extended
–40°C to +125°C temperature range.
DIO8358 provides 1MHz bandwidth consuming
ultra low current of 40µA per channel. Very low
input bias currents of 5pA enable the DIO8358 ideal
for
integrators,
photodiode
amplifiers,
and
piezoelectric sensors.
Typical Application
VREF
Rg
VIN
V+
Rf
VOUT
DIO8358
Gain= 1+
Rf
Rg
Non-Inverting Amplifier
V-
 
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO8358MP8
DIO8358
Green or RoHS
-40 to +125°C
MSOP-8
Tape & Reel, 3000
DIO8358SO8
DIO8358
Green or RoHS
-40 to +125°C
SOIC-8
Tape & Reel, 2500
 
 


Similar Part No. - DIO8358

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8015 DIOO-DIO8015 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8015CN10 DIOO-DIO8015CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8016 DIOO-DIO8016 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8016CN10 DIOO-DIO8016CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8017 DIOO-DIO8017 Datasheet
2Mb / 52P
7-Channel LDO PMIC for Camera Applications
Version 1.1, Dec 2025
More results

Similar Description - DIO8358

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
Dual Rail-to-Rail I/O Precision Operational Amplifier
logo
E-CMOS Corporation
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Unisonic Technologies
ULV8542 UTC-ULV8542 Datasheet
204Kb / 5P
RAIL-TO-RAIL I/O CMOS DUAL AMPS
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
FC358F FS-FC358F Datasheet
599Kb / 9P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com