Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8017 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO8017 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO8017
Download  DIO8017 Download
File Size   2914.17 Kbytes
Page   52 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 7-Channel LDO PMIC for Camera Applications

DIO8017 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO8017 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO8017
Download  DIO8017 Click to download

File Size   2914.17 Kbytes
Page   52 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 7-Channel LDO PMIC for Camera Applications

DIO8017 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO8017 Product details

 Features
 LDO1 and LDO2:
− Input voltage: 0.6 V ~ 2.0 V
− Output current: 1500 mA
− Output voltage:
0.504 V ~ 1.504 V at 8 mV/step
− Dropout: 100 mV at 1.2 V, 1500 mA output
− ±0.5% (typ) accuracy
 LDO3 ~ LDO7:
− Input voltage: 1.8 V ~ 5.5 V
− Output current: 600 mA
− Output voltage:
1.200 V ~ 3.750 V at 10 mV/step
− Dropout: 150 mV at 2.8 V, 600 mA output
− ±0.5% (typ) accuracy
 I/O support 0.83 V VIH
 Overcurrent and overtemperature protections
 Fault interrupt
 Independent registers enable control for 7 LDOs
 Applications
 Smart phones
 IP cameras
 Camera modules
 Description
The DIO8017 is a PMIC with 7 integrated LDOs. The
PMIC has 2 low dropout LDOs for high current DVDD
and 5 high PSRR LDOs for noise-sensitive power
rails. The DIO8017 has 5 independent input pins for
individual LDOs; VIN12 is for LDO1 and LDO2;
VIN34 is for LDO3 and LDO4; VIN5 for LDO5, VIN6
for LDO6 and VIN7 for LDO7. The DIO8017 has a
separate system input, VSYS, which is the bias pin
for the LDOs.
The output voltage of LDOs can be set through the
I2C interface. The DIO8017 also integrates the fault
monitoring features with interrupt indication.
The 7-bit I2C address of the device is 011 0101 by
default but can be reprogrammed so that multiple
devices can be connected to the same I2C bus.
The DIO8017 is a Pb-free and halogen-free device.




Similar Part No. - DIO8017

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8015 DIOO-DIO8015 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8015CN10 DIOO-DIO8015CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8016 DIOO-DIO8016 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8016CN10 DIOO-DIO8016CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
More results


Similar Description - DIO8017

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WL2864C WILLSEMI-WL2864C Datasheet
1Mb / 30P
7-Channel LDO PMIC for Camera Applications
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
Automotive Camera PMIC
TPS650330-Q1 TI-TPS650330-Q1_V01 Datasheet
1Mb / 9P
TPS650330-Q1 Automotive Camera PMIC
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
logo
Silicon Mitus, Inc.
SM4807C SILICONMITUS-SM4807C Datasheet
136Kb / 1P
Multi-Channel PMIC for TFT LCD TV Applications
October 2021 Rev. 1.0.0
logo
Richtek Technology Corp...
RT5133 RICHTEK-RT5133 Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
RT5133A RICHTEK-RT5133A Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
logo
Texas Instruments
TPS650320-Q1 TI1-TPS650320-Q1 Datasheet
1Mb / 13P
TPS650320-Q1 Automotive Camera PMIC
AUGUST 2023
TPS650330-Q1 TI1-TPS650330-Q1_V03 Datasheet
1Mb / 13P
TPS650330-Q1 Automotive Camera PMIC
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com