Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8017 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8017
Description  7-Channel LDO PMIC for Camera Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8017 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO8017 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
DIO8017
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1.
WLCSP-20 (Top view)
Pin No.
Pin Name
Description
A1
VIN6
LDO6 input. Connect a decouple cap between this pin and analog ground. When not used,
place a resistor of 1 kΩ between this pin and ground.
A2
LDO6
LDO6 output. Connect a compensation cap between this pin and analog ground. Left
floating if not used.
A3
LDO4
LDO4 output. Connect a compensation cap between this pin and analog ground. Left
floating if not used.
A4
LDO3
LDO3 output. Connect a compensation cap between this pin and analog ground. Left
floating if not used.
B1
VIN7
LDO7 input. Connect a decouple cap between this pin and analog ground. When not used,
place a resistor of 1 kΩ between this pin and ground.
B2
INT
The fault interrupt pin is active high, indicating that an interrupt event has occurred. Select
the open-drain or push-pull mode, and the output voltage of push-pull (1.2 V or 1.8 V) by
0x15 bit <1:0>; Fault interrupt active high or low can be selected by 0x15 bit <2>. Leave it
floating if not used.
B3
AGND
Ground.
B4
VIN34
LDO3 and LDO4 input. Connect a decouple cap between this pin and analog ground. When
not used, place a resistor of 1 kΩ between this pin and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com