Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8017 Datasheet(PDF) 33 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8017
Description  7-Channel LDO PMIC for Camera Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8017 Datasheet(HTML) 33 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8017 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 35Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 36Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 37Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
DIO8017
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
29
LDO4 Output
Address: 0x08
Type: Read/Write
Bits
Name
Description
7:0
LDO4_
VOUT
Sets LDO4 regulation target voltage.
Equation: VOUT = 1.2 V + (d × 10 mV), where d is the decimal value of the register.
Hex
VOUT
Hex
VOUT
Hex
VOUT
Hex
VOUT
00
1.2
40
1.84
80
2.48
C0
3.12
01
1.21
41
1.85
81
2.49
C1
3.13
02
1.22
42
1.86
82
2.5
C2
3.14
03
1.23
43
1.87
83
2.51
C3
3.15
04
1.24
44
1.88
84
2.52
C4
3.16
05
1.25
45
1.89
85
2.53
C5
3.17
06
1.26
46
1.9
86
2.54
C6
3.18
07
1.27
47
1.91
87
2.55
C7
3.19
08
1.28
48
1.92
88
2.56
C8
3.2
09
1.29
49
1.93
89
2.57
C9
3.21
0A
1.3
4A
1.94
8A
2.58
CA
3.22
0B
1.31
4B
1.95
8B
2.59
CB
3.23
0C
1.32
4C
1.96
8C
2.6
CC
3.24
0D
1.33
4D
1.97
8D
2.61
CD
3.25
0E
1.34
4E
1.98
8E
2.62
CE
3.26
0F
1.35
4F
1.99
8F
2.63
CF
3.27
10
1.36
50
2
90
2.64
D0
3.28
11
1.37
51
2.01
91
2.65
D1
3.29
12
1.38
52
2.02
92
2.66
D2
3.3
13
1.39
53
2.03
93
2.67
D3
3.31
14
1.4
54
2.04
94
2.68
D4
3.32
15
1.41
55
2.05
95
2.69
D5
3.33
16
1.42
56
2.06
96
2.7
D6
3.34
17
1.43
57
2.07
97
2.71
D7
3.35
18
1.44
58
2.08
98
2.72
D8
3.36
19
1.45
59
2.09
99
2.73
D9
3.37
1A
1.46
5A
2.1
9A
2.74
DA
3.38
1B
1.47
5B
2.11
9B
2.75
DB
3.39
1C
1.48
5C
2.12
9C
2.76
DC
3.4
1D
1.49
5D
2.13
9D
2.77
DD
3.41
1E
1.5
5E
2.14
9E
2.78
DE
3.42
1F
1.51
5F
2.15
9F
2.79
DF
3.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com