Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8017 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8017
Description  7-Channel LDO PMIC for Camera Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8017 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8017 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
DIO8017
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
5. Electrical Characteristics
Minimum and maximum values are at VSYS = 2.5 V or (VLDO1,2 + 1.6 V), whichever is greater; VIN12 = 0.6 to 2
V and VIN12 ≥ VLDO1,2 + 200 mV; VIN34,5,6,7 = 1.8 to 5.5 V and VIN34,5,6,7 ≥ VLDO3,4,5,6,7 + 300 mV. TJ = -40°C to
85°C, unless otherwise noted. Typical values are at TA = 25°C; VSYS = 3.8 V; VIN12 = 1.5 V; VIN34 = VIN5 = VIN6
= VIN7 = 3.6 V; VLDO1,2 = 1.2 V, VLDO3,4,5,6,7 = 2.8 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSYS
Input voltage
range
2.5
5.5
V
VIN12
0.6
2.0
VIN34, VIN5,
VIN6, VIN7
1.8
5.5
LDO1,2
Output voltage
accuracy
LDO1,2 = 1.2 V; TA = 25°C
-0.5
0.5
%
LDO3~7
LDO3,4,5,6,7 = 2.8 V; TA = 25°C
-0.5
0.5
VSYS_UVLO
VSYS
under-voltage
lockout threshold
Rising; TA = 25°C
2.25
2.35
2.45
V
Falling hysteresis; TA= 25°C
0.05
0.1
0.15
VIN12_UVLO
VIN12
under-voltage
lockout threshold
Rising; TA = 25°C
0.5
0.55
0.58
V
Falling hysteresis; TA = 25°C
0.05
0.1
0.18
VINH_UVLO
VIN34,5,6,7
under-voltage
lockout threshold
Rising; TA = 25°C
1.65
1.7
1.75
V
Falling hysteresis;TA = 25°C
0.05
0.1
0.18
IGND
Supply quiescent
current
RESET_B = 1, all channels are OFF;
TA = 25°C
25
µA
LDO1~7 are ON; TA= 25°C
240
RESET_B = 5.5 V, disable IC through I2C;
TA = 25°C
0
0.5
4.5
ISD
Supply current
shutdown
EN = GND, VSYS = 3.6 V; TA = 25°C
0
0.5
4.5
µA
LDO1,2
Output voltage
range (1)
When VOUT + 200 mV ≤ VIN12,
VSYS ≥ 2.5 V & VSYS ≥ VOUT + 1.6 V
0.504
1.2
1.504
V
LDO3~7
When VOUT + 200 mV ≤ VIN3~7, VSYS ≥ 2.5 V &
VSYS ≥ VIN3~7
1.2
2.8
3.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com