Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8017 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8017
Description  7-Channel LDO PMIC for Camera Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8017 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8017 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
DIO8017
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN12
LDO1 and LDO2 input voltage
−0.5 ~ 3.0
V
VSYS
Handset power-supply voltage
−0.5 ~ 6
V
VIN34, VIN5, VIN6, VIN7 LDO3, LDO4, LDO5, LDO6, LDO7 input voltage
−0.5 ~ 6
V
VCTRL
Serial clock, serial data, interrupt and RESET_B pin
−0.5 ~ VSYS + 0.3
V
IPIN_MAX
Current on single pin
3200
mA
TL
Maximum lead temperature (soldering 10 s)
260
°C
TSTG
Storage temperature
-55 ~ 150
°C
TJ
Operating junction temperature
-40 ~ 150
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN12
VIN12 operating supply voltage range
0.6 ~ 2.0
V
VIN34, VIN5, VIN6, VIN7
VIN3 to VIN7 operating supply voltage range
1.8 ~ 5.5
V
VSYS
VSYS
2.5 ~ 5.5
V
TA
Operating temperature range
-40 ~ 85
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001
±4000
V
CDM
ANSI/ESDA/JEDEC JS-002
±750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com