Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8017 Datasheet(PDF) 47 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8017
Description  7-Channel LDO PMIC for Camera Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8017 Datasheet(HTML) 47 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8017 Datasheet HTML 43Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 44Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 45Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 46Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 47Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 48Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 49Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 50Page - DIOO MICROCIRCUITS CO., LTD DIO8017 Datasheet HTML 51Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
DIO8017
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
43
1
A Thermal Shutdown event is detected or the temperature has fallen
below the hysteresis level.
0
VSYS_UVLO_
INT
0
Code
VSYS Under-voltage lockout Interrupt
0
Clear
1
VSYS fell below the UVLO falling threshold or that VSYS have risen
above the UVLO rising threshold after a UVLO fault.
Reading the associated status bit provides the present state of the input voltage.
MINT1
Address: 0x1B
Type: Read/Write
Bits
Name
Default
Description
7
UNUSED
0
6
MASK_LDO7_UVP
0
Code
LDO7 UVP MASK
0
No masking of interrupt
1
INT pin will not change states when LDO7
under−voltage interrupt occurs.
5
MASK_LDO6_UVP
0
Code
LDO6 UVP MASK
0
No masking of interrupt
1
INT pin will not change states when LDO6
under−voltage interrupt occurs.
4
MASK_LDO5_UVP
0
Code
LDO5 UVP MASK
0
No masking of interrupt
1
INT pin will not change states when LDO5
under−voltage interrupt occurs.
3
MASK_LDO4_UVP
0
Code
LDO4 UVP MASK
0
No masking of interrupt
1
INT pin will not change states when LDO4
under−voltage interrupt occurs.
2
MASK_LDO3_UVP
0
Code
LDO3 UVP MASK
0
No masking of interrupt
1
INT pin will not change states when LDO3
under−voltage interrupt occurs.
1
MASK_LDO2_UVP
0
Code
LDO2 UVP MASK
0
No masking of interrupt
1
INT pin will not change states when LDO2
under−voltage interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com