Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8015 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO8015 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO8015
Download  DIO8015 Download
File Size   2025.17 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 4-Channel LDO PMIC for Camera Applications

DIO8015 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO8015 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO8015
Download  DIO8015 Click to download

File Size   2025.17 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 4-Channel LDO PMIC for Camera Applications

DIO8015 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO8015 Product details

 Features
 DVDD1 and DVDD2:
− Input voltage: 0.6 V ~ 2.0 V
− Output current: 1200 mA
− Output voltage: 0.6 V ~ 1.8 V at 6 mV/step
− Dropout: 120 mV at 1.2 V, 1200 mA output
− ±0.5% (typ.) accuracy
 AVDD1, AVDD2:
− Input voltage: 2.5 V ~ 5.5 V
− Output current: 400 mA
− Output voltage: 1.2 V ~ 4.3 V at 12.5
mV/step
− Dropout: 125 mV at 2.8 V, 400 mA output
− ±0.5% (typ.) accuracy
 Overtemperature protection
 Programmable power-up sequence
 Applications
 Smart phones
 IP cameras
 Camera modules
 Description
The DIO8015 is a PMIC with 4 integrated LDOs. The
PMIC has two low dropout LDOs for high current
DVDD and two high PSRR LDOs for noise-sensitive
power rails.
The DIO8015 has two independent input pins for
individual LDOs. The VIN1 pin is the power supply of
LDO1 and LDO2; the VIN2 pin is the power supply of
LDO3 and LDO4. VIN2 also supplies the LDO control
module and digital logic module of the IC.
The output voltage and power-up sequence of LDOs
can be set through the I2C interface. The 7-bit I2C
address of the device is 010 1000 by default.
The DIO8015 is available in Pb-free, halogen-free,
DFN2*2-10 package.




Similar Part No. - DIO8015

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8016 DIOO-DIO8016 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8016CN10 DIOO-DIO8016CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8017 DIOO-DIO8017 Datasheet
2Mb / 52P
7-Channel LDO PMIC for Camera Applications
Version 1.1, Dec 2025
DIO8017WL20 DIOO-DIO8017WL20 Datasheet
2Mb / 52P
7-Channel LDO PMIC for Camera Applications
Version 1.1, Dec 2025
More results


Similar Description - DIO8015

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WL2864C WILLSEMI-WL2864C Datasheet
1Mb / 30P
7-Channel LDO PMIC for Camera Applications
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
Automotive Camera PMIC
TPS650330-Q1 TI-TPS650330-Q1_V01 Datasheet
1Mb / 9P
TPS650330-Q1 Automotive Camera PMIC
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
logo
Silicon Mitus, Inc.
SM4807C SILICONMITUS-SM4807C Datasheet
136Kb / 1P
Multi-Channel PMIC for TFT LCD TV Applications
October 2021 Rev. 1.0.0
logo
Richtek Technology Corp...
RT5133 RICHTEK-RT5133 Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
RT5133A RICHTEK-RT5133A Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
logo
Texas Instruments
TPS650320-Q1 TI1-TPS650320-Q1 Datasheet
1Mb / 13P
TPS650320-Q1 Automotive Camera PMIC
AUGUST 2023
TPS650330-Q1 TI1-TPS650330-Q1_V03 Datasheet
1Mb / 13P
TPS650330-Q1 Automotive Camera PMIC
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com