Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8015 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8015
Description  4-Channel LDO PMIC for Camera Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8015 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8015 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DIO8015
Version 1.2, Mar 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
ΔVDVDD1,2
Line regulation _ VIN1
VOUT = 1.2 V, IOUT = 1 mA,
VIN1 = 1.5 V ~ 2.0 V, VIN2 = 3.8 V
0.2
mV
ΔVDVDD1,2
Line regulation _ VIN2
VOUT = 1.2 V, IOUT = 1 mA,
VIN1 = 1.5 V, VIN2 = 2.5 V ~ 5.5 V
1
mV
ΔVAVDD1,2
Line regulation _ VIN2
VIN1 = 1.35 V, VOUT_TARGET = 2.8 V,
IOUT = 1 mA, VIN2 = 3.8 V ~ 5.0 V
2
mV
ΔVDVDD1,2
Load regulation
IOUT_TARGET = 1 mA ~ 1200 mA
1
mV
ΔVAVDD1,2
VIN1 = 1.35 V, VIN2 = 3.3 V,
VOUT_TARGET = 2.8 V,
IOUT_TARGET = 1 mA ~ 400 mA
3
DVDD1,2
Output current limit (1)
VOUT = 90% VOUT(NOM)
1200
1700
mA
AVDD1,2
VOUT = 90% VOUT(NOM)
400
600
DVDD1,2
Short circuit current
VOUT = GND
500
mA
AVDD1,2
VOUT = GND
320
DVDD1,2
Turn-on time
VOUT_TARGET = 1.2 V, COUT_TARGET = 1.0 μF,
from assertion of enable signal to VOUT start
ramp up
200
μs
AVDD1,2
VOUT_TARGET = 2.8 V, COUT_TARGET = 1.0 μF,
from assertion of enable signal to VOUT start
ramp up
50
μs
DVDD1,2
Soft-start time
VOUT_TARGET = 1.2 V, COUT_TARGET = 1.0 μF,
VOUT from 0 to 90% VOUT
240
μs
AVDD1,2
VOUT_TARGET = 2.8 V, COUT_TARGET = 1.0 μF,
VOUT from 0 to 90% VOUT
120
μs
DVDD1,2
Output noise
f = 10 Hz to 100 kHz, IOUT_TARGET = 20 mA
50
μVrms
AVDD1,2
f = 10 Hz to 100 kHz, IOUT_TARGET = 20 mA
15
μVrms
PSRR11
Power supply rejection
ratio on VIN1
DVDD1,2 (VIN1 to VOUT),
VIN1 = 1.35 V + 0.2 VPP,
VIN2 = 4.4 V,
VOUT_TARGET = 1.2 V,
IOUT_TARGET = 10 mA,
CIN_TARGET = 4.7 μF,
COUT_TARGET = 1.0 μF
f = 1 kHz
62
dB
f = 1 MHz
41
PSRR12
Power supply rejection
ratio on VIN2
DVDD1,2 (VIN2 to VOUT)
VIN12 = 4.4 V + 0.2 VPP,
VIN2 = 1.35 V,
VOUT_TARGET = 1.2 V,
IOUT_TARGET = 10 mA,
CIN_TARGET = 4.7 μF,
COUT_TARGET = 1.0 μF
f = 1 kHz
55
dB
f = 1 MHz
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com