Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8015 Datasheet(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8015
Description  4-Channel LDO PMIC for Camera Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8015 Datasheet(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8015 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
DIO8015
Version 1.2, Mar 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
18
02H
1.2250
08H
1.3000
82H
2.8250
88H
2.9000
03H
1.2375
09H
1.3125
83H
2.8375
89H
2.9125
04H
1.2500
0AH
1.3250
84H
2.8500
8AH
2.9250
05H
1.2625
0BH
1.3375
85H
2.8625
8BH
2.9375
REGISTER DETAILS – 0x0A SEQ12
Default = 00000000
Bits
Name Default
Type
Description
7
X
6:4
DVDD
2_SEQ
000
R/W
The LDO2 sequencing is selected by setting bits [6:4].
Code
Slot Selected
000
Controlled through I2C by setting theDVDD2_EN bit.
001
Selects slot 1 for the LDO2 to be enabled at power up.
010
Selects slot 2 for the LDO2 to be enabled at power up.
011
Selects slot 3 for the LDO2 to be enabled at power up.
100
Selects slot 4 for the LDO2 to be enabled at power up.
101
Selects slot 5 for the LDO2 to be enabled at power up.
110
Selects slot 6 for the LDO2 to be enabled at power up.
111
Selects slot 7 for the LDO2 to be enabled at power up.
3
X
2:0
DVDD
1_SEQ
000
R/W
The LDO1 sequencing is selected by setting bits [2:0].
Code
Slot Selected
000
Controlled through I2C by setting the DVDD1_EN bit.
001
Selects slot 1 for the LDO1 to be enabled at power up.
010
Selects slot 2 for the LDO1 to be enabled at power up.
011
Selects slot 3 for the LDO1 to be enabled at power up.
100
Selects slot 4 for the LDO1 to be enabled at power up.
101
Selects slot 5 for the LDO1 to be enabled at power up.
110
Selects slot 6 for the LDO1 to be enabled at power up.
111
Selects slot 7 for the LDO1 to be enabled at power up.
REGISTER DETAILS – 0x0B SEQ34
Default = 00000000
Bits
Name Default
Type
Description
7
X
6:4
AVDD2
_SEQ
000
R/W
The LDO4 sequencing is selected by setting bits [6:4].
Code
Slot Selected
000
Controlled through I2C by setting the AVDD2_EN bit.
001
Selects slot 1 for the LDO4 to be enabled at power up.
010
Selects slot 2 for the LDO4 to be enabled at power up.
011
Selects slot 3 for the LDO4 to be enabled at power up.
100
Selects slot 4 for the LDO4 to be enabled at power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com