Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8015 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8015
Description  4-Channel LDO PMIC for Camera Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8015 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8015 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO8015 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DIO8015
Version 1.2, Mar 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
51
°C/W
6. Electrical Characteristics
Minimum and maximum values are at VIN2 = 2.5 V or (VDVDD1,2 + 1.6 V), whichever is greater; VIN1 = 0.6 to 2
V and VIN1 ≥ VDVDD1,2 + 300 mV. TJ = -40°C to 125°C unless otherwise noted. Typical values are at TJ = 25°C;
VIN2 = 3.8 V; VIN1 = 1.5 V; VDVDD1,2 = 1.2 V, VAVDD1,2 = 2.8 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN1
Input voltage range (1)
0.6
2.0
V
VIN2
2.5
5.5
VDVDD1,2
Output voltage
accuracy
TJ = 25°C; VDVDD1,2 = 1.2 V
±0.5
%
VAVDD1,2
TJ = 25°C; VAVDD1,2 = 2.8 V
±0.5
VIN2UVLO
VIN2 undervoltage
lockout threshold
Rising
2.25
V
Falling
2.15
IGND
Supply quiescent
current
DVDD1 is ON
32
µA
DVDD1,2 are ON
48
DVDD1,2 and AVDD1 are ON
66
DVDD1,2 and AVDD1,2 are ON
82
ISD
Supply current
shutdown
EN = GND, VIN = 3.6 V, all registers are
default value
1
µA
DVDD1,2
Output voltage range(1)
When VOUT + 300 mV ≤ VIN1,
VIN2 ≥ 2.5 V & VIN2 ≥ VOUT + 1.6 V
0.6
1.8
V
AVDD1,2
When VOUT + 300 mV ≤ VIN2 & VIN2 ≥ 2.5 V
1.2
4.3
DVDD1,2
Dropout voltage
IOUT_TARGET = 1200 mA,
VOUT_TARGET = 1.2 V, VIN2 = 3.6 V
120
mV
AVDD1,2
IOUT_TARGET = 400 mA,
VOUT_TARGET = 2.8 V, VIN2 = 3.6 V
125
DVDD1,2
Max load current (1)
1200
mA
AVDD1,2
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com