Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8833 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8833
Description  1.5 A Thermoelectric Cooler (TEC) Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8833 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8833 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO8833 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DIO8833
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
17
Cooling mode: VVTEC = 1.25 V + 0.2 × (VOL - VOS)
Heating mode: VVTEC = 1.25 V - 0.2 × (VOS - VOL)
where VVTEC represents the XTEC pin output voltage.
8.5. High accuracy voltage reference
The DIO8833 has an integrated 2.5 V reference voltage with 0.6% accuracy. When the input voltage (VIN)
exceeds 2.7 V, the VREF output remains stable and unaffected by the EN or SD input or the I2C registers.
8.6. Power stage
The DIO8833 provides an H-bridge integrated power stage, including an LDO and Buck converter. The
power stage activates if all of the following conditions are met:
VIN exceeds UVLO level.
EN is high.
SD is high.
I2C_ON bit = 1.
8.7. Enable pin (EN)
The device is enabled when the EN pin voltage exceeds 0.825 V, provided all other conditions (including
VIN > 2.6 V for UVLO) are satisfied. Upon enable, the internal discharge paths first discharge any residual
TEC bias voltage to 0 V, followed by the soft-start ramp-up of the VOL and VOS outputs. The EN pin
incorporates internal 6 MΩ pull-down resistor; if left unconnected, the pin is held low, forcing the device into
disabled state.
8.8. Shutdown pin (SD)
The device enters shutdown mode when the SD pin is driven low. This pin incorporates an internal 1.3 MΩ
pull-down resistor to ensure proper default state. A rising edge on the SD pin initiates device power-up
following a 25 ms delay period to ensure stable initialization.
8.9. TEC voltage limit
The DIO8833 features integrated TEC voltage limit protection with programmable thresholds set by I2C
interface (Reg03 VLIM_HEAT[D5:D0] for heating, Reg04 VLIM_COOL[D5:D0] for cooling) without requiring
external components. The protection provides adjustable limits from 0 mV to 5.5 V in 97.6 mV steps (see
Table 3). When the TEC voltage exceeds the programmed limit, the Buck converter regulates VOS output to
the threshold value independently of CTL control, preventing hazardous operation (see Figure 36).
An additional fixed internal secondary limit (typically 1 V above the programmed limit) provides protection
during fault conditions such as TEC terminal shorts to VIN or GND. Upon exceeding the secondary limit, the
device immediately terminates switching and enters hiccup mode for system protection. This two-stage
protection architecture ensures both controlled regulation during normal operation and failsafe response to
severe fault conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com