Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5488 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC5488
Description  Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5488 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC5488 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5488 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5488 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN RF Transistor
2SC5488
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 10V, IE= 0
--
--
1
uA
IEBO
Emitter Cutoff Current
VEB= 1V, IC= 0
--
--
10
uA
hFE
DC Current Gain
IC= 2A, VCE= 1V
90
--
200
fT
Current-Gain—Bandwidth Product
IC= 20mA, VCE=5V
5
7
--
GHz
S21e︱2 1
Forward Transfer Gain
IC= 20mA, VCE=5V,
f=1MHz
9
12
--
dB
S21e︱22
IC= 3mA, VCE=2V,
f=1MHz
--
9
--
NF
Noise Figure
IC= 7mA, VCE=5V,
f=1MHz
1.0
2
dB
Cob
Output Capacitance
VCB = 10 V, f = 1 MHz
--
0.7
1.2
pF
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com