Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5488 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5488
Description  Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5488 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5488 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5488 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5488 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon NPN RF Transistor
2SC5488
www.iscsemi.com
1
DESCRIPTION
· Low Noise : NF=1.0dB typ (f=1GHz)
· High Gain :︱S21e︱2 =12dB typ (f=1GHz)
· High Cutoff Frequency : fT=7GHz typ.
· Ultrasmall, Slim Flat-lead Package.
APPLICATIONS
· Mainly Applied to VHF, UHF and CATV
High-frequency Wideband Low-noise Amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
70
mA
ICP
Collector Current-Pulse
1.4
A
PC
Total Power Dissipation
@ Ta=25℃
100
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - 2SC5488

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5488 SANYO-2SC5488 Datasheet
34Kb / 4P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
468Kb / 7P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
NPN Single SSFP RF Transistor
August, 2013
2SC5488A-TL-H ONSEMI-2SC5488A-TL-H Datasheet
462Kb / 7P
NPN Single SSFP RF Transistor
August, 2013
More results

Similar Description - 2SC5488

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com