Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO58013CD10 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58013CD10
Description  50~1000mA, Single Cell Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58013CD10 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO58013CD10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.9
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO58013/B• Rev. 1.9
DIO58013/B
50~1000mA, Single Cell Charger
Features
Broad Programmable Charging Current:
50~1000mA
Over-Temperature Protection
Under Voltage Lockout Protection
Reverse current protection between BAT and
GND pins
Programmable Charge Termination Current
Maximum Voltage Power Input: 36V
Automatic Recharge Threshold:
DIO58013: 4.05V
DIO58013B: 4.2V
Final Float Voltage:
DIO58013: 4.2V
DIO58013B: 4.35V
Charge Status Output Pin
Trickle Charge Threshold:
DIO58013: 2.5V
DIO58013B: 2.6V
Soft-Start Limits Inrush Current
Over Voltage Lockout Protection
Package: DFN3*3-10
Descriptions
The DIO58013/B is a complete constant-current /
constant voltage linear charger for single cell
Lithium-Ion batteries. No external sense resistor
is needed, and no blocking diode is required due
to the internal MOSFET architecture. Thermal
feedback regulates the charge current to limit the
die temperature during high power operation or
high ambient temperature. The charge voltage is
fixed at 4.2V for DIO58013 and 4.35V for
DIO58011B, and the charge current and the
terminal current can be programmed externally
with resistors. The input voltage is up to 36V.
When the input supply (wall adapter or USB
supply) is removed, the DIO58013/B automatically
enters a low current state, dropping the battery
drain current to less than 1.0µA.
The DIO58013/B is available in a small package
with DFN3*3-10. Standard product is Pb-Free.
Applications
Wireless phone
MP3/MP4 Player
Bluetooth device
Ordering Information
Order Part Number
Top Marking
TA
Package
DIO58013CD10
D8VN
Green
-40 to 85°C
DFN3*3-10
Tape & Reel, 5000
DIO58013BCD10
8VNB
Green
-40 to 85°C
DFN3*3-10
Tape & Reel, 5000


Similar Part No. - DIO58013CD10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO58013A DIOO-DIO58013A Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
DIO58013ACD10 DIOO-DIO58013ACD10 Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
More results

Similar Description - DIO58013CD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
Controlled Single Cell 3-A Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
Will Semiconductor Ltd.
WS4508S WILLSEMI-WS4508S Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com