Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO58013CD10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58013CD10
Description  50~1000mA, Single Cell Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58013CD10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO58013CD10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DIO58013/B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO58013/B• Rev.1.9
VTRIKL, HYS
Trickle Charge Voltage Hysteresis
RISET=10kΩ
100
mV
VUVLO
UVLO Threshold
From VIN
Low to High
DIO58013
3.52
3.72
3.92
V
DIO58013B
3.64
3.85
4.06
VUVLO, HYS
UVLO Hysteresis
200
mV
VOVP
OVP Threshold
From VIN
Low to High
DIO58013
6.4
V
DIO58013B
6.8
VOVP_HYS
OVP Hysteresis
320
mV
VMSD
Manual Shutdown Threshold Voltage
ISET Pin Rising
ISET Pin Falling
1.2
1.0
1.3
V
V
VASD
VIN-VBAT Lockout Threshold Voltage
VIN from low to High
VIN from High to Low
120
80
mV
mV
ΔVRECHRG
Auto Recharge Battery Voltage
100
150
200
mV
VCHGb
CHGb Pin Output Low Voltage
ICHGb=5mA
0.3
0.6
V
VACOKb
ACOKb Pin Output Low Voltage
0.3
0.6
V
TLIM
Junction Temperature In CT Mode
160
°C
TSS
Soft-Start Time
RISET=2kΩ
100
µs
TRECHRG
Recharge Comparator Filter Time
5
ms
TTERM
Termination Comparator Filter Time
8
ms
IISET
ISET Pin Pull-up Current
0.1
0.5
1
µA
VTEMP_H
TEMP Pin High Threshold Voltage
TEMP Pin Falling
TEMP Pin Rising
41.5
40.0
%VIN
%VIN
VTEMP_L
TEMP Pin Low Threshold Voltage
TEMP Pin Rising
TEMP Pin Falling
6.5
5.0
%VIN
%VIN
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com