Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010SH3 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010SH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010SH3 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60010SH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
17
Disclaimer
This specification and information contained herein are provided on an “AS IS” basis and
WITH ALL FAULTS. All product specifications, statements, information, and data (collectively,
the“Information”) in this datasheet or made available on the website of www.dioo.com are
subject to change without notice. The customer is responsible for checking and verifying the
extent to which the Information contained in this publication is applicable to his/her application.
All Information given herein is believed to be accurate and reliable, but it is presented without
guarantee, warranty, or responsibility of any kind, express or implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com