Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010SH3 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010SH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010SH3 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60010SH3 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60010SH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal resistance
is, the lower the heat loss. Accumulation of heat energy degrades the performance of semiconductor
components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
SOT23-5
130
°C/W
RθJC
Junction-to-case thermal resistance
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com