Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011SH3 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011SH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011SH3 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60011SH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
7
8. Application Information
Important notice: Important notice: Validation and testing are the most reliable ways to confirm system
functionality. The application information is not part of the specification and is for reference purposes only.
Figure 15. Typical application
The DIO60011/A is available in two versions, Forced Pulse Width Modulation (FPWM) and Auto Mode.The
DIO60011/A is a synchronous buck regulator IC that integrates the adaptive constant-on-time (COT) control,
and top and bottom switches on the same die to minimize the switching transition loss and conduction loss. With
ultra-low RDS(ON) power switches and proprietary COT control, this regulator IC can achieve the highest efficiency
and the highest switch frequency simultaneously to minimize the external inductor and capacitor size, thus
achieving the minimum solution footprint. Under PWM mode, the converter operates with a typical 1.65 MHz
switching frequency to minimize the size of the inductor and capacitor. As the load current decreases, the
converter enters PSM (Power Save Mode), reducing the switching frequency to keep high efficiency over the
entire load current range.
Under Auto Mode, the DIO60011 enters PWM mode for medium to heavy load conditions or enters PSM (Power
Save Mode) for a light load. Under FPWM mode, the converter maintains a continuous conduction mode
operation and keeps the output voltage ripple very low across the whole load range.
Because of the high integration in the DIO60011/A IC, the application circuit based on this regulator IC is rather
simple. Only the input capacitor, CIN, output capacitor, COUT, output inductor, L, feedback capacitor, C1, and
feedback resistors (R1 and R2) need to be selected for the targeted application specifications.
8.1. Enable
When disabled, the device shutdown supply current is only 0.1 μA. When applying a voltage greater than the EN
logic high threshold, the DIO60011/A enables all functions and the device initiates the soft-start phase. The
DIO60011/A has a built-in 0.5 ms soft-start time to prevent output voltage overshoot and inrush current. When
the EN voltage falls below its logic low threshold, the device operation is disabled and the 500 Ω active
discharge is enabled to discharge the output voltage to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com