Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011SH3 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011SH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011SH3 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO60011SH3 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60011SH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1. SOT563 (Top view)
Figure 2. SOT23-6 (Top view)
Figure 3. DFN1.5*1-6 (Top view)
Pin No.
Pin Name
I/O
Description
SOT563
SOT23-6
DFN-6
5
1
5
EN
I
Enable control. Pull high to turn on. Do not float.
2
2
2
GND
G
Power ground.
4
3
4
SW
I/O
Inductor pin. Connect this pin to the switching node of
inductor.
3
4
3
VIN
I
Power input.
1
6
1
FB
O
Output feedback pin. Connect this pin to the center point of
the output resistor divider to program the output voltage:
VOUT = 0.6 × (1 + R1/R2).
6
5
6
OUT
O
Output voltage. Connect to the load to OUT. An output
capacitor is required to decrease the output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com