Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1710 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1710 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1710 Datasheet HTML 1Page - ams-OSRAM AG AS1710 Datasheet HTML 2Page - ams-OSRAM AG AS1710 Datasheet HTML 3Page - ams-OSRAM AG AS1710 Datasheet HTML 4Page - ams-OSRAM AG AS1710 Datasheet HTML 5Page - ams-OSRAM AG AS1710 Datasheet HTML 6Page - ams-OSRAM AG AS1710 Datasheet HTML 7Page - ams-OSRAM AG AS1710 Datasheet HTML 8Page - ams-OSRAM AG AS1710 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AS1710/AS1712
High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps
with Shutdown
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
1 - 19
Data sheet
1 General Description
The AS1710/AS1712 are low-offset, high-output CMOS op-amps
that deliver 200mA of peak output current from a single supply (2.7V
to 5.5V).
These devices were specifically designed to drive typical headset
levels (32
), as well as bias RF power amplifiers for wireless
handset applications.
The devices are available as the standard products shown in
Table 1. See also Ordering Information on page 18.
These rail-to-rail I/O, wide-bandwidth amplifiers exhibit a high slew
rate of 10V/µs and a gain-bandwidth product of 10MHz.
The integrated shutdown feature (not included in B versions) drives
the output low.
These devices operate over the entire industrial temperature range
(-40ºC to +85ºC).
Figure 1. AS1710 - Typical Application
2 Key Features

Constant Output Drive Capability: 50mA

Rail-to-Rail Input and Output

Supply Current: 1.6mA

Single-Supply Operation: 2.7V to 5.5V

Gain-Bandwidth Product: 10MHz

High Slew Rate: 10V/µs

Voltage Gain: 100dB (RLOAD = 100k
)

Power-Supply Rejection Ratio: -85dB

No Phase Reversal for Overdriven Inputs

Unity-Gain Stable for Capacitive Loads: Up to 100pF

Shutdown Mode (AS1710A) Current: 1nA typ

Package Types:
- SC70-6
- SC70-5
-TQFN-16 (3x3mm)
3 Applications
The devices are ideal for portable/battery-powered audio
applications, portable headphone speaker drivers (32
), hands-free
mobile phone kits, TFT panels, sound ports/cards, set-top boxes,
biasing controls, DAC converter buffers, transformer/line drivers,
motor drivers, and any other battery-operated audio device.
Table 1. Standard Products
Model
Description
Package
AS1710A
Single Op Amp with Shutdown
SC70-6
AS1710B
Single Op Amp
SC70-5
AS1712A
Quad Op Amp with Shutdown
TQFN-16
(3x3mm)
VBIAS
RIN
Headphone Jack
to 32
 Stereo
Headset
CIN
+
AS1710
RF
RIN
CIN
RF
+
AS1710
COUT
+
COUT
+
Audio In
Left
Audio In
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com