Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1710 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1710 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS1710 Datasheet HTML 9Page - ams-OSRAM AG AS1710 Datasheet HTML 10Page - ams-OSRAM AG AS1710 Datasheet HTML 11Page - ams-OSRAM AG AS1710 Datasheet HTML 12Page - ams-OSRAM AG AS1710 Datasheet HTML 13Page - ams-OSRAM AG AS1710 Datasheet HTML 14Page - ams-OSRAM AG AS1710 Datasheet HTML 15Page - ams-OSRAM AG AS1710 Datasheet HTML 16Page - ams-OSRAM AG AS1710 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
11 - 19
AS1710/AS1712
Datasheet - Application In form atio n
8.2 60mW Single-Supply Stereo Headphone Driver
Two AS1710 amplifiers can be used as a single-supply, stereo headphone driver. The circuit shown in Figure 22 can deliver 60mW per channel
with 1% distortion from a single 5V supply.
Figure 22. Stereo Headphone Driver Application (with Coupling Capacitor)
In Figure 22, CIN and RIN form a high-pass filter that removes the DC bias from the incoming signal. The -3dB point of the high-pass filter is
given by:
f-3dB = 1/(2
RINCIN)(EQ 4)
Choose gain-setting resistors RIN and RF according to the amount of desired gain, keeping in mind the maximum output amplitude.
COUT blocks the DC component of the amplifier output, preventing DC current flowing to the load. The output capacitor and the load impedance
form a high-pass filter with the -3dB point determined by:
f-3dB = 1/(2
RLOADCOUT)(EQ 5)
For a 32
 load, a 100µF aluminum electrolytic capacitor gives a low-frequency pole at 50Hz.
8.3 Rail-to-Rail Input Stage
The AS1710/AS1712 CMOS op-amps have parallel connected N- and P-channel differential input stages that combine to accept a common-
mode range extending to both supply rails. The N-channel stage is active for common-mode input voltages typically greater than (VSS + 1.2V),
and the p-channel stage is active for common-mode input voltages typically less than (VDD - 1.2V).
8.4 Rail-to-Rail Output Stage
The minimum output is within millivolts of ground for single- supply operation, where the load is referenced to ground (VSS). Figure 23 shows the
input voltage range and the output voltage swing of an AS1710 connected as a voltage follower. The maximum output voltage swing is load
dependent although it is guaranteed to be within 500mV of the positive rail (VDD = 2.7V) even with maximum load (32
 to ground).
VBIAS
RIN
Headphone Jack to
32
 Stereo Headset
CIN
+
AS1710
RF
RIN
CIN
RF
+
AS1710
COUT
+
COUT
+
Audio In
Left
Audio In
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com