Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 12Page - ams-OSRAM AG AS7221 Datasheet HTML 13Page - ams-OSRAM AG AS7221 Datasheet HTML 14Page - ams-OSRAM AG AS7221 Datasheet HTML 15Page - ams-OSRAM AG AS7221 Datasheet HTML 16Page - ams-OSRAM AG AS7221 Datasheet HTML 17Page - ams-OSRAM AG AS7221 Datasheet HTML 18Page - ams-OSRAM AG AS7221 Datasheet HTML 19Page - ams-OSRAM AG AS7221 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 15
7
Functional Description
7.1
Smart Lighting Manager
– Overview
The Cognitive Light
Engine (CLE) is the “brains” of the Smart Lighting Manager (SLM). The CLE
constantly processes information from the calibrated XYZ chromatic white/color sensor, Smart Lighting
Command Interface and control inputs to adjust and control PWM and 0-10 V channel outputs to
deliver the targeted light characteristics. AS7221 initial setup and ongoing parameter storage is
automatically done by software within the required external serial Flash memory, via SPI bus. Only
ams-verified models of Flash devices can be supported. A subset of supported devices is noted in the
UART Command Interface section of this document, which also provides a reference to the current list
of supported Flash memory devices. For the Flash memory overview please refer to Figure 30. A SPI
Flash device is a required operating companion to the AS7221. Figure 30 includes a partial list of
supported devices, which have been tested by ams. Using non-verified devices can cause
communication issues and may not be compatible. Flash timing is provided in Figure 28 and Figure 29
for debug purposes.
By sensing a sample of the mixed warm and cool CCTs as either a reflection from the diffuser or other
light-guide/optical light gathering technique, the AS7221 can support high precision multi-channel
tuning results from a lower cost dual- or single channel LED driver architecture. Please note, that non-
diffused applications require some form of reflective or other light gathering that delivers an adequate
sample of mixed light to the sensor. Care should be taken to fulfill the angle of incidence requirements
of the nano-optic filter set.
To support the growing need for more personalized or circadian-rhythm supportive lighting systems,
up to 16 scenes can be preset into flash memory to support autonomous CCT and brightness
adjustments, including programmable ramp/transition timing. Scene timing, targets and ramps are
programmable via the high-level Smart Lighting Command Set described in Section 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com