Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 14Page - ams-OSRAM AG AS7221 Datasheet HTML 15Page - ams-OSRAM AG AS7221 Datasheet HTML 16Page - ams-OSRAM AG AS7221 Datasheet HTML 17Page - ams-OSRAM AG AS7221 Datasheet HTML 18Page - ams-OSRAM AG AS7221 Datasheet HTML 19Page - ams-OSRAM AG AS7221 Datasheet HTML 20Page - ams-OSRAM AG AS7221 Datasheet HTML 21Page - ams-OSRAM AG AS7221 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 17
For daylight operation, the AS7221 can be used two ways. As a standalone device pointing out of the
luminaire, or if pointing inward for white color, it can support daylighting operation by using an I2C
master connected to ams TSL25721 or TSL45315 for ambient light sensing.
Figure 12:
Solution Chart
Chromatic Color Maintenance
Lumen Maintenance
Chromatic Color
Maintenance
Lumen Maintenance
Daylighting
AS7221
TSL25721 or
TSL45315
(optional)
(into luminaire)
(not required)
(into luminaire)

(into room)
TSL25721 device combines a channel 0 (CH0) which is responsive to both visible and infrared light,
and channel 1 (CH1) which is responsive primarily to infrared light. Therefore, to get the LUX, a
calibration is necessary. In this calibration, both channels has to be considered. First counts per lux
(CPL) needs to be calculated in this calibration method.
Counts per LUX (CPL):
������������������ =
������������0 − (1.87 ∗ ������������1)
������������������
Calibration Scalar:
������������������ = ������0 ∗ ������������������0 − ������1 ∗ ������������������1
Default setting K0 is 0.2178 (normal sunlight conditions in Europe in May, 1 m distance to a window).
If K0=0, the result for K1 will be inverted to prevent negative LUX values. At different light conditions,
this value has to adjust.
Example:
Spectrometer value = 9764 Lux,
CH0 = 22870,
CH1 = 2734
→ CPL = 1.8186
K0 = 1/CPL = 0.549855,
K1 = 1.87/CPL = 1.028228
To save the values, write in the console tab, ATLXSL0=0.549855 and ATLXSL1= 1.028228
Overall AS7221 timing generation uses an on chip 16 MHz temperature compensated oscillator for
master clock timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com