Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7261-BLGT Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS7261-BLGT
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261-BLGT Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS7261-BLGT Datasheet HTML 18Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 19Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 20Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 21Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 22Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 23Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 24Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 25Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ams Datasheet
Page 21
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Detailed Descriptions
I²C Virtual Register Set
The figure below provides a summary of the AS7261 I²C register
set. Figures after that provide additional register details. All
register data is hex, and all multi-byte entities are Big Endian
(most significant byte is situated at the lowest register address).
Multiple byte registers (2 byte integer, or, 4 byte floating point)
must be read in the order of ascending register addresses (low
to high). And if capable of being written to, must also be written
in the order ascending register addresses.
Figure 21:
I²C Virtual Register Set Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Version Registers
0x00:0x01
HW_Version
Hardware Version
0x02:0x03
FW_Version
Firmware Version
Control Registers
0x04
Control_Setup
RST
INT
GAIN
Bank
DATA_
RDY
RSVD
0x05
INT_T
Integration Time
0x06
Device_Temp
Device Temperature
0x07
LED_Control
RSVD
ICL_DRV
LED_
DRV
ICL_IND
LED_IND
Sensor Raw Data Registers
0x08
X_High
Channel X High Data Byte
0x09
X_Low
Channel X Low Data Byte
0x0A
Y_High
Channel Y High Data Byte
0x0B
Y_Low
Channel Y Low Data Byte
0x0C
Z_High
Channel Z High Data Byte
0x0D
Z_Low
Channel Z Low Data Byte
0x0E
NIR_High
Channel NIR High Data Byte
0x0F
NIR_Low
Channel NIR Low Data Byte
0x10
Dark_High
Channel Dark High Data Byte
0x11
Dark_Low
Channel Dark Low Data Byte
0x12
Clear_High
Channel Clear High Data Byte
0x13
Clear_Low
Channel Clear Low Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com