Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7261-BLGT Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7261-BLGT
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261-BLGT Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7261-BLGT Datasheet HTML 8Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 9Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 10Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 11Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 12Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 13Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 14Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 15Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Typical Optical Characteristics
Figure 12:
Spectral Responsivity
Figure 13:
AS7261 Optical Characteristics
Note(s):
1. Typical values at Lux ≥50, Integration time=400.4ms, Gain=1x, TAMB = 25ºC.
2. Calibration and measurements are made using diffused light.
Figure 14:
AS7261 LGA Package Field of View
Symbol
Parameter
Test Conditions
Min
Typ(1)
Max
Unit
Color_m(2)
Color
measurement
accuracy
White Light
CCT = 2700K, 3500K,
4500K and 5700K
0.002
du’v’
Z_count
Z channel count
accuracy
White Light
CCT = 5700K
3.375
4.5
5.625
counts/
(μW/cm2)
Typical Optical Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
380 395 410 425 440 455 470 485 500 515 530 545 560 575 590 605 620 635 650 665 680 695 710 725 740 755 770
CIE
X
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com