Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO69201 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO69201
Description  High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO69201 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO69201 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO69201 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1.1
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO69201• Rev. 1.1
DIO69201
High-Efficiency 2 A, 24 V Input Synchronous
Step-Down Converter
Features
Low RDS(ON) for internal switches (top/bottom)
120 mΩ / 70 mΩ, 2.0 A
4.5 ~ 24 V input voltage range
High-efficiency synchronous-mode
Internal soft start limits the inrush current
Over current protection
Thermal shutdown
Pulse skip mode under light load
Green package:
TSOT23-6 is pin compatible
Applications
Portable navigation device
Set top box
Portable TV
LCD TV
Descriptions
The DIO69201 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2 A output currents.
The DIO69201 family operate over a wide input
voltage range from 4.5 V to 24 V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
The DIO69201 adopts the COT architecture to
achieve fast transient responses for high step
down applications and high efficiency at light
loads. In addition, it operates at pseudo-constant
frequency of 700 kHz under heavy load conditions
to minimize the size of inductor and capacitor.
Function Block
Ordering Information
Part Number
Top Marking
RoHS
TA
Package
DIO69201TST6
W201
Green
-40 to 85°C
TSOT23-6
Tape & Reel, 3000


Similar Part No. - DIO69201

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6920 DIOO-DIO6920 Datasheet
662Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.7
DIO69209 DIOO-DIO69209 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO69209TST6 DIOO-DIO69209TST6 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO6920H DIOO-DIO6920H Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO6920HTST6 DIOO-DIO6920HTST6 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
More results

Similar Description - DIO69201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com