Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO70020 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020
Description  5.5 V, 2.5 A Low Loss Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70020 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70020 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO70020
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO70020• Rev 1.2
Electrical Characteristics
TA = 25 °C, VIN = 5 V, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
2.7
5.5
V
ISHDN
Shut down input current
Open load, IC disabled
0.2
1
µA
IQ
Quiescent supply current
Open load, IC enabled
36
60
µA
RDS(ON)
FET RON
IOUT = 100 mA, TA = 25°C
57
70
mΩ
IOUT = 100 mA, TA = -40 ~ 85°C
57
80(1)
VEN(H)
EN rising threshold
0.85
V
VEN(L)
EN falling threshold
0.4
V
IEN
EN leakage current
VEN = 5.0 V
1
µA
VIN_UVLO
IN UVLO threshold
2.5
V
VIN_HYS(1)
IN UVLO hysteresis
150
400
mV
ILIM
Overcurrent limit
RSET = 2.72 kΩ
2.25
2.5
2.75
A
RSET = 6.8 kΩ
0.93
1
1.07
RSET = 34 kΩ
0.168
0.2
0.232
tOC_RES
Curren-limit response time
ILOAD = 2.0 × ILIM (typ)
20
µs
tSHORT
Short circuit response time
VOUT short to GND
2
µs
tON
EN turn-on time
RL = 10 Ω, COUT = 1 μF
400
µs
tOFF
EN turn-off time
RL = 10 Ω, COUT = 1 μF
7
µs
tR
Output turn-on rise time
RL = 100 Ω, 90% settling
0.6
ms
tF
Output turn-off fall time
RL = 100 Ω, 10% settling
0.3
ms
TSD
Thermal shut down temperature
140
°C
Thermal shut down hysteresis
20
°C
VREVERSE
Reverse voltage comparator trip point
175
mV
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com