Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO70020 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO70020 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO70020
Download  DIO70020 Download
File Size   1012.36 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, 2.5 A Low Loss Power Distribution Switch

DIO70020 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO70020 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020
Download  DIO70020 Click to download

File Size   1012.36 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, 2.5 A Low Loss Power Distribution Switch

DIO70020 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO70020 Product details

Features
 Input voltage: 2.7 V to 5.5 V
 Typical 57 mΩ on-resistance
 2.5 A load current capability
 Programmable current limit
 Enable polarity:
DIO70020H: active high
DIO70020L: active low
 Overcurrent protection, short circuit
protection and overtemperature protection
 Reverse blocking (no body diode)
 No reverse current when power ON or power
OFF
 Compact SOT23-5 package minimizes the
board space
Applications
 USB ports/hubs
 Digital TV
 Set-top boxes
 VOIP phones
Descriptions
The DIO70020 power distribution switch is
intended for applications where precision current
limiting is required or heavy capacitive loads and
short circuits are encountered. The power switch
rising and falling times are controlled to minimize
current surges during turning on/off.
The DIO70020 device limits the output current
under a safe level by using a constant current
mode when the output load exceeds the current
limit threshold.
The DIO70020 is available in the SOT23-5 package.
It is rated over the -40°C to 85°C temperature
range.




Similar Part No. - DIO70020

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7004 DIOO-DIO7004 Datasheet
649Kb / 12P
5.5V Low Loss Power Distribution Switch
Rev 1.1
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
DIO70040- DIOO-DIO70040- Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFMP8 DIOO-DIO70040HFMP8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFSO8 DIOO-DIO70040HFSO8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
More results


Similar Description - DIO70020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
ADCMP608 AD-ADCMP608_15 Datasheet
238Kb / 10P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
ADCMP609 AD-ADCMP609_15 Datasheet
265Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. C
logo
Texas Instruments
TPS25221 TI1-TPS25221 Datasheet
1Mb / 27P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
TPS25221 TI1-TPS25221_18 Datasheet
2Mb / 35P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com