Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7004 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7004 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO7004
Download  DIO7004 Download
File Size   649.57 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5V Low Loss Power Distribution Switch

DIO7004 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO7004 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004
Download  DIO7004 Click to download

File Size   649.57 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5V Low Loss Power Distribution Switch

DIO7004 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7004 Product details

Features
 Input voltage: 2.7V to 5.5V
 Typical 75mΩ on-resistance
 Output discharge resistance
 Five different continuous current versions
 Under voltage lockout
 Over current protection, short circuit
protection and over temperature protection
 Fault time 5ms typically with blanking
 Reverse blocking (no body diode)
 No reverse current when power ON or power
OFF
 Enable polarity: active high or active low
 Green SOT23-5, SOIC-8, EP-MSOP8 and
MSOP-8 packages

Applications
 USB Ports/Hubs
 Digital TV
 Set-Top Boxes
 VOIP Phones

Descriptions
The DIO7004 power distribution switch is
intended for applications where precision current
limiting is required or heavy capacitive loads and
short circuits are encountered. The power switch
rising and falling times are controlled to minimize
current surges during turning on/off.
The DIO7004A/B/C/D/E provide separately
350mA/700mA/1A/1.5A/2A five current levels.
The DIO7004 device limits the output current
under a safe level by using a constant current
mode when the output load exceeds the current
limit threshold.
The DIO7004 is available in the SOT23-5, SOIC-8,
EP-MSOP8 and MSOP-8 packages. It is rated over
the -40°C to 85°C temperature range.




Similar Part No. - DIO7004

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
DIO70040- DIOO-DIO70040- Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFMP8 DIOO-DIO70040HFMP8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFSO8 DIOO-DIO70040HFSO8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFST5 DIOO-DIO70040HFST5 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
More results


Similar Description - DIO7004

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com