Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7004 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7004 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.1
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
DIO7004
5.5V Low Loss Power Distribution Switch
Features
Input voltage: 2.7V to 5.5V
Typical 75mΩ on-resistance
Output discharge resistance
Five different continuous current versions
Under voltage lockout
Over current protection, short circuit
protection and over temperature protection
Fault time 5ms typically with blanking
Reverse blocking (no body diode)
No reverse current when power ON or power
OFF
Enable polarity: active high or active low
Green SOT23-5, SOIC-8, EP-MSOP8 and
MSOP-8 packages
Applications
USB Ports/Hubs
Digital TV
Set-Top Boxes
VOIP Phones
Descriptions
The
DIO7004
power
distribution
switch
is
intended for applications where precision current
limiting is required or heavy capacitive loads and
short circuits are encountered. The power switch
rising and falling times are controlled to minimize
current surges during turning on/off.
The
DIO7004A/B/C/D/E
provide
separately
350mA/700mA/1A/1.5A/2A five current levels.
The DIO7004 device limits the output current
under a safe level by using a constant current
mode when the output load exceeds the current
limit threshold.
The DIO7004 is available in the SOT23-5, SOIC-8,
EP-MSOP8 and MSOP-8 packages. It is rated over
the -40°C to 85°C temperature range.
Typical Application


Similar Part No. - DIO7004

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
DIO70040- DIOO-DIO70040- Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFMP8 DIOO-DIO70040HFMP8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFSO8 DIOO-DIO70040HFSO8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFST5 DIOO-DIO70040HFST5 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
More results

Similar Description - DIO7004

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com