Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7004 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7004 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DIO7004
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
In the second condition, the load is gradually increasing beyond the recommended operating current. The current
is permitted to rise until the currentlimit threshold (ILIM) is reached or until the thermal limit of the device is
exceeded. The DIO7004 is capable of delivering current up to the current limit threshold (ILIM) without damaging
the device. Once the threshold has been reached, the device switches into its constant current mode.
Thermal Protection
Thermal protection prevents damage to the IC when heavy overload or short circuit conditions are present for
extended periods of time. The conditions force the DIO7004 into constant current mode, and under short circuit
conditions, the voltage across the switch is equal tothe input voltage. The increased dissipation causes the
junction temperature to rise to high levels. The protection circuit senses the junction temperature of the switch
and shuts it off. Hysteresis is built into the thermal sense circuit, and after the device has cooled approximately
20 degrees, the switch turns back on. The switch continuesto cycle in this way until the overload or input power is
removed.
Reverse-voltage Protection
The reverse-voltage protection feature turns off the P-channel MOSFET whenever the output voltage exceeds
the input voltage by 175mV (typ) for 4ms (typ). A reverse current of (VOUT-VIN)/RDS(on) will be present when this
occurs. This prevents damage to devices on the input side of the DIO7004 by preventing significant current from
sinking into the input capacitance. The DIO7004 devices allow the P-channel MOSFET to turn on once the output
voltage goes bellow the input voltage for the same 4ms deglitch time.
FLG Output
An error Flag is an open-drained output of an N-channel MOSFET. Flag output is pulled low when the below
conditions happen: input under voltage lockout, output current limit, output short circuit and over temperature
shut down. The flag response delay time is 5ms typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com