Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7004 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7004 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DIO7004
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
Electrical Characteristics
TA=25°C, VIN = 5V, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage Range
2.7
5.5
V
ISHDN
Shut down Input Current
Open load, IC Disabled
0.2
1
µA
IQ
Quiescent Supply Current
Open load, IC Disabled
50
88
µA
RDS(ON)
FET RON
IOUT=100mA
75
99
mΩ
VEN(H)
EN Rising Threshold
VIN = 2.7V to 5.5V
1.4
V
VEN(L)
EN Falling Threshold
VIN = 4.5V to 5.5V
0.6
V
VIN = 2.7V to 4.5V
0.5
IEN
EN Leakage Current
VEN=5.0V
1
µA
VIN_UVLO
IN UVLO Threshold
2.5
V
VIN_HYS
IN UVLO Hysteresis
240
400
mV
ILIM
Current Limit
DIO7004HA, DIO7004LA
0.375
0.5
0.625
A
DIO7004HB, DIO7004LB
0.75
1
1.25
DIO7004HC, DIO7004LC
1.1
1.5
1.9
DIO7004HD, DIO7004LD
1.5
2
2.5
DIO7004HE, DIO7004LE
2.1
2.5
3.1
TON
Turn-on Time
RL=10Ω, COUT=1μF
400
µs
TOFF
Turn-off Time
RL=10Ω, COUT=1μF
20
µs
TSD
Thermal Shut down Temperature
140
°C
Thermal Shut down Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com