Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7004 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7004 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7004 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DIO7004
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
Block Diagram
Application Information
Power Supply Considerations
A 10μF ceramic capacitor from VIN to GND to prevent the input voltage from dropping during the hot-plug
condition is strongly recommended. However higher capacitance could help reduce the voltage drop. Further
more, bypassing the output with a 10μF ceramic capacitor improves the immunity of the device to short-circuit
transients, because an output short will cause ringing on the input without the input capacitor. It could destroy the
internal circuitry when the input transient voltage exceeds the absolute maximum supply voltage even for a short
duration.
Under Voltage Lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2.4V, a control
signal turns off the power switch.
Enable
The logic enable controls the power switch, the bias for the charge pump, driver, and other circuitry to reduce the
supply current. The EN control pin must be driven to a logic high or logic low for a clearly defined signal input.
Floating these control lines may cause unpredictable operation.
Over-Current Protection
The DIO7004 responds to over current conditions by limiting output current to the ILIM levels. When an over
current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Complete shut down occurs only if the fault is present long enough to activate thermal limit.
Two possible overload conditions can occur. In the first condition, an excessive load occurs while the device is
enabled. When the excessive load occurs, very high currents may flow for a short time before the current limit
circuit can react. After the current limit circuit has tripped (reached the overcurrent trip threshold) the device
switches into constant current mode to limit the current close to ILIM.
Current
Sense
Current
Limit
Driver
UVLO
Thermal
Sense
Deglitch
EN/EN
IN
OUT
FLG
GND
Output Shutdown
Discharge Logic
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com