Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO70020LST5 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020LST5
Description  5.5 V, 2.5 A Low Loss Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70020LST5 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70020LST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DIO70020
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO70020• Rev 1.2
Pin Assignments
Figure 1. Pin assignment
Pin Description
Pin Name
Pin No.
Pin Description
OUT
1
Output pin, decoupled with a 10 μF capacitor to GND
GND
2
Ground pin
ISET
3
External resistor used to set current limit threshold
EN / EN
4
ON/OFF control. Do not leave it floating
IN
5
Input pin, decoupled with a 10 µF capacitor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com