Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO70020LST5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020LST5
Description  5.5 V, 2.5 A Low Loss Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70020LST5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70020LST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70020LST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO70020
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO70020• Rev 1.2
Typical Performance Characteristics
TA = 25°C, VIN = 5 V, unless otherwise noted.
Figure 2. Quiescent current vs. Input voltage
Figure 3. Quiescent current vs. Ambient temperature
Figure 4. Enable voltage vs. Input voltage
Figure 5. Static RDS(ON) vs. Input voltage
Figure 6. Static RDS(ON) vs. Ambient temperature
Figure 7. Current limit threshold vs. Current limit resistor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com