Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO85571 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO85571
Description  350 μA, 6 MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO85571 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO85571 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO85571, Version 1.0, Jul 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
III
Table of Contents
1. Pin Assignment and Functions ....................................................................................................................1
2. Absolute Maximum Ratings ........................................................................................................................ 2
3. Recommended Operating Condition .......................................................................................................... 2
4. ESD Ratings ................................................................................................................................................2
5. Electrical Characteristics .............................................................................................................................3
6. Typical Characteristics ................................................................................................................................ 4
7. Typical Application .......................................................................................................................................5
8. Physical Dimensions: SOT23-5 .................................................................................................................. 6
List of Figures
Figure 1. SOT23-5 (Top view)......................................................................................................................................1
Figure 2. Signal step response....................................................................................................................................4
Figure 3. Small-signal response..................................................................................................................................4
Figure 4. Standby current vs. Supply voltage........................................................................................................... 4
Figure 5. VOS vs. VCC.....................................................................................................................................................4
Figure 6. VOS vs. VCM.....................................................................................................................................................4
Figure 7. Indirectly driving heavy capacitive load.....................................................................................................5
Figure 8. Indirectly driving heavy capacitive load with DC accuracy.....................................................................5
Figure 9. Amplifier with bypass capacitors................................................................................................................ 5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com