Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO85571 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO85571
Description  350 μA, 6 MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO85571 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO85571 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO85571 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DIO85571, Version 1.0, Jul 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
I
DIO85571
350 μA, 6 MHz, Rail-to-Rail I/O CMOS Operational
Amplifier
Description
The DIO85571 is an amplifier with very low noise, low voltage, and low power operational. The DIO85571 has
a high gain-bandwidth product of 6 MHz, a slew rate of 3.6 V/μs, and a quiescent current of 350 μA/amplifier
at 5 V typically.
The DIO85571 is designed to provide optimal performance in low voltage and low noise systems. All these
chips provide rail-to-rail output swing into heavy loads. The input common-mode voltage range includes
ground, and the maximum input offset voltage is 3.5 mV for the DIO85571.
They are specified over the extended industrial temperature range (-40°C to +125°C). The operating range is
from 2.5 V to 5.5 V.
Features
Supply voltage range: 2.5 V to 5.5 V
Low supply current: 350 μA typically
Rail-to-rail input and output
6 MHz high gain-bandwidth product
High slew rate: 3.6 V/μs
Settling time to 0.1% with 2 V step: 0.6 μs
Package: SOT23-5
Applications
Audio output
Sensor interface
Active filters
A/D converters
Cellular and cordless phones
Laptops and PDAs
Photodiode amplification
Battery-powered instrumentation


Similar Part No. - DIO85571

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8015 DIOO-DIO8015 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8015CN10 DIOO-DIO8015CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8016 DIOO-DIO8016 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8016CN10 DIOO-DIO8016CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8017 DIOO-DIO8017 Datasheet
2Mb / 52P
7-Channel LDO PMIC for Camera Applications
Version 1.1, Dec 2025
More results

Similar Description - DIO85571

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
TLV3544-Q1 TI1-TLV3544-Q1 Datasheet
1Mb / 30P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifier for Automotive
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com