Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7038RB Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 20Page - ams-OSRAM AG AS7038RB Datasheet HTML 21Page - ams-OSRAM AG AS7038RB Datasheet HTML 22Page - ams-OSRAM AG AS7038RB Datasheet HTML 23Page - ams-OSRAM AG AS7038RB Datasheet HTML 24Page - ams-OSRAM AG AS7038RB Datasheet HTML 25Page - ams-OSRAM AG AS7038RB Datasheet HTML 26Page - ams-OSRAM AG AS7038RB Datasheet HTML 27Page - ams-OSRAM AG AS7038RB Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 23
6 Photodiodes
4 with RED/IR filters (PD1, PD2 PD3 and PD4)
1 with IR filter (PD B)
1 clear (PD A) only connected to Light-to-Frequency block
TIA
Trans-Impedance Amplifier
PREFILTER
LP & HP Filter and variable Gain Stage
Synchronous Demodulators
SD_OFE1, SD_OEF2 with LP 6 HP filter and gain stage
The first Block in signals path is the TIA. The TIA converts the current from Photodiodes into a
voltage. The trans-impedance of TIA can be adjusted in 7 steps. After the TIA follow the PREFILTER.
PREFILTER includes a low pass filter with adjustable cut-off frequency, a high pass filter and a
variable gain stage. This block can be bypassed. The output signal of PREFILTER is used as input for
the blocks SD_OFE1 and SD_OFE2. These Block are identically built and can work in parallel. Both
consists of synchronous demodulator, a low-pass filter, a high pass filter and variable gain stage. The
sequencer does the control of the whole signal path, which is part of digital part.
In addition to these main blocks, there are two smaller blocks for detection of clipping signals inside
the blocks. The TIA Clip detection observes the output of TIA and SD Clip detection observe the
output of PREFILTER Block. The limits for clip detection can adjusted by digital part.
7.1.1
LED-Driver
The AS7038RB contain 4 identical LED driver circuits.
The LED-driver outputs can be controlled manually or by the built in sequencer. See section 7.1.8
Optical Front End Operating Modes
Information
The integration time tINT is defined either by the sequencer (man_mode=0) of manually
through the bit sw_itg if man_mode=1. For the synchronous demodulator only use the
resistive feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com