Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7038RB Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG AS7038RB Datasheet HTML 18Page - ams-OSRAM AG AS7038RB Datasheet HTML 19Page - ams-OSRAM AG AS7038RB Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 127 page
background image
Document Feedback
AS7038RB
Electrical Characteristics
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CB
Capacitive
load for each
bus line
CB
— total capacitance
of one bus line in pF
500
pF
CI/O
I/O pin
capacitance
(SDA, SCL)
10
pF
(1)
GPIO0-3 configured to draw minimum current (software dependent).
(2)
AS7038RB I2C interface active also in power down mode
(3)
Specified only typical value for DNL to reduce production test time.
(4)
After this period, the first clock pulse is generated.
(5)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of the SCL
signal) to bridge the undefined region of the falling edge of SCL.
(6)
Fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT = 250 ns must then be met. This
is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch
the LOW period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 =
1250 ns before the SCL line is released.
Figure 7:
I²C Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com