| Electronic Components Datasheet Search |
|
AS3953A-BWLM Datasheet(PDF) 22 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953A-BWLM Datasheet(HTML) 22 Page - ams-OSRAM AG |
|
22 / 71 page ![]() ams Datasheet Page 21 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Detailed Description TA(1): This codes the bit rate capability of PICC. Supported higher bit rates of AS3953A are 212, 424 and 848 kbit/s. However in specific applications, it is advised to report lower capability to PCD (for example, due to the usage of slow controller or low power application). Due to this reason the TA(1) response is configurable using configuration bits. Figure 22: TA(1) Byte Coding Bit b8 set to ‘0’ codes possibility of having different data rates for each direction. TB(1): The interface byte TB(1) conveys information to define the frame waiting time and the start-up frame guard time. The interface byte TB(1) consists of two parts: • The most significant half-byte b8 to b5 is called FWI and codes frame waiting time (FWT). • The least significant half byte b4 to b1 is called SFGI and codes a multiplier value used to define the SFGT. The SFGT defines a specific guard time needed by the PICC before it is ready to receive the next frame after it has sent the ATS. SFGI is coded in the range from 0 to 14. The value of ‘0’ indicates ‘No SFGT needed’. The SFGT bits are fixed to default value which is 0x0, while the FWI bits are defined by configuration bits fwi<3:0>. Figure below defines the coding of the TB(1) byte. Figure 23: TB(1) Byte Coding b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description dr_sdr dr_ picc_8 dr_ picc_4 dr_ picc_2 0 dr_ pcd_8 dr_ pcd_4 dr_ pcd_2 Coding of ATS byte TA(1) DS (PICC to PCD) DR (PCD to PICC) b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description fwi<3> fwi<2> fwi<1> fwi<0> 0 0 0 0 Coding of ATS byte TB(1) FWI SFGI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |