| Electronic Components Datasheet Search |
|
AS3953A-BWLM Datasheet(PDF) 44 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953A-BWLM Datasheet(HTML) 44 Page - ams-OSRAM AG |
|
44 / 71 page ![]() ams Datasheet Page 43 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Detailed Description Interrupt Interface There are two interrupt registers implemented in the AS3953A (Main Interrupt Register and Auxiliary Interrupt Register). Main Interrupt Register contains information about seven interrupt sources, while one bit references to interrupt sources detailed in Auxiliary Interrupt Register. When an interrupt condition is met the source of interrupt bit is set in the Main Interrupt Register and the IRQ pin transitions to high. The controller then reads the Main Interrupt Register to distinguish between different interrupt sources. In case the bit l_aux is pointing to the Auxiliary Interrupt Register, this register also needs to be read. After an interrupt register (main or auxiliary) is read its content is reset to ‘0’. Exception to this rule is the bit pointing to auxiliary register. This bit is only cleared when the auxiliary interrupt register is read. IRQ pin transitions to high after the interrupt bit(s) which caused its transition to high has been read. Please note that there may be more than one interrupt register bit set in case the controller did not immediately read the Interrupt registers after the IRQ signal is set and another event causing interrupt occurred. FIFO Water Level and FIFO Status Register The AS3953A contains a 32 byte FIFO. In case of transmitting the Control logic shifts data which was previously loaded by the external controller to the Framing Block and further to the Transmitter. During reception, the demodulated data is stored in the FIFO and the external controller can download received data. Transmit and receive capability of the AS3953A is not limited by of the FIFO size due to a FIFO water level interrupt system. During transmission an interrupt is sent (interrupt due to FIFO water level in the Main Interrupt Register) when the content of data in the FIFO which still need to be sent is lower than the FIFO water level for transmit. The external controller can now add more data in the FIFO. The same stands for receive mode. In case the number of received bytes increases over the FIFO water level for receive an interrupt is sent to inform the external controller that data has to be downloaded from FIFO. The external controller has to serve the FIFO faster than data is transmitted or received. A general rule is that the SCLK frequency has to be at least double than the actual data rate in receive or transmit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |